| Moteur de recherche de fiches techniques de composants électroniques |
|
TS971IYLT Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS971IYLT Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 17 page ![]() TS971-TS972-TS974 Absolute maximum ratings and operating conditions 3/17 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.7 to 10 V Vicm Common mode input voltage range VDD +1.15 to VCC -1.15 V Toper Operating free air temperature range -40 to +125 °C |