Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS971ILT Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce TS971ILT
Description  Output rail-to-rail very low noise operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS971ILT Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button TS971ILT Datasheet HTML 8Page - STMicroelectronics TS971ILT Datasheet HTML 9Page - STMicroelectronics TS971ILT Datasheet HTML 10Page - STMicroelectronics TS971ILT Datasheet HTML 11Page - STMicroelectronics TS971ILT Datasheet HTML 12Page - STMicroelectronics TS971ILT Datasheet HTML 13Page - STMicroelectronics TS971ILT Datasheet HTML 14Page - STMicroelectronics TS971ILT Datasheet HTML 15Page - STMicroelectronics TS971ILT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package information
TS971-TS972-TS974
12/17
3.6
SO-14 package information
Figure 18.
SO-14 package mechanical drawing
Table 9.
SO-14 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C0.5
0.019
c1
45° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M0.68
0.026
S
8° (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17