| Moteur de recherche de fiches techniques de composants électroniques |
|
V5012000 Fiches technique(PDF) 21 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
V5012000 Fiches technique(HTML) 21 Page - YAMAHA CORPORATION |
|
21 / 42 page ![]() A 1 2 3 4 5 6 7 8 9 B C D E F G H I J K L AX-396 28 SCHEMATIC DIAGRAM PIN CONNECTION DIAGRAM OF TRANSISTORS, DIODES AND ICS. BC E 2SA1695 2SC4466 2SA1145 2SA970 2SC2705 2SC1815 2SA1015 2SC2240 2SA893A 2SC1890A S4VB20 2SA1358 2SC4488 2SD1915F 2SC1740S DTC144ES 2SA933S E E C C B B E C B + – ~ ~ E C B DIODES Anode Cathode NJM2068LD 1 8 LB1641 LC78211 1 10 TC4053BP 1 8 16 M37478M4-408SP 1 21 42 1 15 30 2 3 5 IN 1 1 GND 4 VZ 6 IN 2 8 10 9 INPUT LOGIC 7 8 7 6 5 4 3 2 1 NJM2068LD LC78211 TC4053BP LB1641 AX-396 5 All voltage are measured with a 10M W/V DC electric volt meter. 5 Components having special characteristics are marked s and must be replaced with parts having specifications equal to those originally installed. 5 Schematic diagram is subject to change without notice. Point 1 and 2 Emitter of Q108 Collector of Q104 Point 3 Pin 20 of IC101 To MAIN (1) see page 29 To MAIN (1) see page 29 To/From MAIN (3) see page 29 12.5 -12.5 14.2 -14.1 0 0 0 0 0 0 0 0 0 0 0 0 0 -0.8 4.8 5.5 5.5 15.3 0 0 0 0 0.7 0.7 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 -9.1 9.1 0.2 0 0 0 0 0 0 0 0 0 0 0 16.4 16.4 -14.5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 -14.2 14.3 0 0 0 0 0 0 0 0 0 0 0 -14.3 -14.3 14.4 14.4 0 0 0 0 0 0 4.8 4.7 0.7 0.7 9.3 9.8 -1.0 -1.3 -4.9 14.6 14.6 0 0 0 0 0 1 2 0 6.0 6.0 5.4 5.4 5.4 4.8 4.7 6.4 6.4 7.1 10.7 11.4 11.3 11.4 4.7 0 0.9 0.6 0 0 0 0 3 1.7 4.7 4.8 CD/DVD DIRECT AMP OFF CD/DVD DIRECT AMP ON CD/DVD DIRECT AMP OFF PHONO EQ AMP CD BUFFER INPUT SELECTOR MOTOR DRIVER SYSTEM CONTROL RESET PROTECTION VOLUME AMP TONE CONTROL AMP 8 7 5 6 8 7 5 6 2 1 4 3 2 1 4 3 8 7 5 6 2 3 4 1 |