| Moteur de recherche de fiches techniques de composants électroniques |
|
A22Z-R25 Fiches technique(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 Fiches technique(HTML) 1 Page - Omron Electronics LLC |
|
1 / 30 page ![]() CSM_A22_DS_E_8_3 1 Pushbutton Switch (Cylindrical 22/25-dia.) A22 Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring) • Lever for easily mounting and removing the Switch Unit. • Increase wiring efficiency with three-row mounting of Switch Blocks. • Finger protection mechanism on Switch Unit provided as a standard feature. • Use 25-dia. ring to install in 25-dia. panel cutouts. • Mounted using either open-type (fork-type) or closed-type (round-type) crimp terminals. • IP65 oil resistance (non-lighted models) IP65 (lighted models) Refer to Safety Precautions for All Pushbutton Switches/ Indicators and Safety Precautions on page 23. List of Models Non-lighted Pushbutton Switches Lighted Pushbutton Switches Appearance Model number Appearance Model number Appearance Model number Flat A22-F Projected A22-C Projected A22L-T Projected A22-T Guard A22-D Full guard A22L-G Full guard A22-G Mushroom Small (30 dia.) A22-S Half guard A22L-H Half guard A22-H Mushroom Medium (40 dia.) A22-M Projected A22L-C Guard A22L-D |
Numéro de pièce similaire - A22Z-R25 |
|
Description similaire - A22Z-R25 |