| Moteur de recherche de fiches techniques de composants électroniques |
|
OP07C Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
OP07C Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage ±22 V Vid Differential Input Voltage ±30 V Vi Input Voltage ±22 V Toper Operating Temperature -40 to +105 oC Tstg Storage Temperature -65 to +150 oC VCC VCC Inverting input Non-inverting input R3 R4 T5 D1 D2 D3 D4 T6 T4 T3 T1 T2 D7 D6 D5 R5 C3 C2 T7 T9 T8 T10 T11 D10 R6 R8 R10 T14 T12 T17 D11 T13 T16 R9 Output T15 R7 R2B R1B C1 R2A R1A N2 N4 Offset Null D9 D8 T18 SCHEMATIC DIAGRAM Offset Null 2 Offset Null 1 20k Ω V CC INPUT OFFSET VOLTAGE NULLING CIRCUIT OP07C 2/4 |