Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

218-12LPSTJF Fiches technique(PDF) 2 Page - CTS Corporation

No de pièce 218-12LPSTJF
Description  SMT Half Pitch DIP Switch-Auto Placeable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTS [CTS Corporation]
Site Internet  http://www.ctscorp.com
Logo CTS - CTS Corporation

218-12LPSTJF Fiches technique(HTML) 2 Page - CTS Corporation

  218-12LPSTJF Datasheet HTML 1Page - CTS Corporation 218-12LPSTJF Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
218
LP
S T
J
XX: NO. OF POSITIONS
LP: LOW PROFILE ACTUATOR
T : TOP TAPE SEAL
S: BOTTOM SEAL
J: J BEND TERMINAL
12
F
"A" OVERALL
DIMENSIONS
NO. OF SWITCH
POSITIONS
3.71/.146
6.25/.246
8.79/.346
11.33/.446
13.87/.546
2
4
6
8
10
0.76
1.27
5.37
0.51
1.27
0.45
1.27
TYP.
TYP.
DIM "A"
MOUNTING SURFACE
5.8
ON
CTS
1
2
11 12
TRAVEL
0.6
SURFACE MOUNT PAD LAYOUT
3.20±0.15
6.05
+0.15
-0.08
0.9
2.7
.030
.211
.050
TABLE 1
REF.
12
16.41/.646
CTS SERIES 218LPJ - "J" Bend Terminal
.024
.050
.018
.228
.035
.126±.006
.238 +.006
-.003
.106
TYP.
.050
.021
MAX.
CTS SERIES 218LP - Gull Wing Terminal
SURFACE MOUNT PAD LAYOUT
.030
0.76
0.51
.020
1.27
.050
8.89
.350
1.27
.050
.050
1.27
1
ON
REF.
0.6
.024
TRAVEL
.018
0.45
MOUNTING SURFACE
DIM "A"
TYP.
2 11 12
.004±.004
0.10±0.10
STAND OFF
CTS
.332±.008
16.41/.646
3.71/.146
8.79/.346
11.33/.446
13.87/.546
6.25/.246
DIMENSIONS
"A" OVERALL
NO. OF SWITCH
POSITIONS
8
12
10
2
6
4
TABLE 2
8.44±0.20
2.65
.104
MAX.
.020
0.5
.228
5.80
BLANK: SHIP AT ON POSITION
F: SHIP AT OFF POSITION
R
R : TAPE AND REEL PACKAGING
DIMENSION:
mm
inch
–
TYP.
TYP.
BLANK : GULL WING TERMINAL
BLANK : ANTI-STATIC TUBE PACKAGING
CTS Electronic Components
www.ctscorp.com
© 2008 CTS Corporation. All rights reserved. Information subject to change.
2/19/08
BLANK : NO TOP TAPE SEAL



Html Pages

1 2