| Moteur de recherche de fiches techniques de composants électroniques |
|
D4NH-6BBC Fiches technique(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D4NH-6BBC Fiches technique(HTML) 5 Page - Omron Electronics LLC |
|
5 / 12 page ![]() G-211 D4NH Direct Opening Mechanism 1NC/1NO Contact (Slow-action) 2NC Contact (Slow-action) Contact spring Return spring Fixed contact (NC) Fixed contact (NO) Plunger Movable contact Only the NC contact side has a direct opening mechanism. When metal deposition occurs, the contacts are separated from each other by the plunger being pushed in. (Conforms to EN60947-5-1 Direct Opening Operation.) Contact spring Return spring Fixed contact (NC) Plunger Movable contact Both NC contacts have a direct opening mechanism. When metal deposition occurs, the contacts are separated from each other by the plunger being pushed in. (Conforms to EN60947-5-1 Direct Opening Operation.) |