| Moteur de recherche de fiches techniques de composants électroniques |
|
CJ2M-CPU33 Fiches technique(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CJ2M-CPU33 Fiches technique(HTML) 5 Page - Omron Electronics LLC |
|
5 / 23 page ![]() 5 Higher precision In addition to the greater CPU processing performance, Omron has also added new high-speed I/O units, such as analog input units with 20µs conversion time, while new PLC instructions provide immediate access to fast I/O data. The result is even more real-time reliability. CPUs Communication Analog I/O Motion Digital I/O Select what you need With CJ2 you can also still connect to the existing CJ1 I/O units. You can thus benefit from CJ2’s improvements without redesigning the entire system. Easy connection by USB Simply connect the cable, with no settings required A CJ2 CPU Unit on an EtherNet/IP network can be accessed via USB, with no need for routing tables EtherNet/IP USB port (standard on all models) Commercially available USB cable CX-One (e.g., CX-Programmer) USB |