| Moteur de recherche de fiches techniques de composants électroniques |
|
M51995AFP Fiches technique(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M51995AFP Fiches technique(HTML) 8 Page - Renesas Technology Corp |
|
8 / 41 page ![]() M51995AP/AFP REJ03D0835-0201 Rev.2.01 Nov 14, 2007 Page 8 of 40 Threshold Voltage of ON/OFF Terminal vs. Ambient Temperature Threshold Current of ON/OFF Terminal vs. Ambient Temperature Input Current of VF Terminal vs. Input Voltage Discharge Current of Timer vs. Ambient Temperature VF Terminal Voltage VVF (V) Charge Current of Timer vs. Ambient Temperature ON and OFF Duration of Timer vs. Ambient Temperature (Intermittent Operation) Ambient Temperature Ta ( °C) Ambient Temperature Ta ( °C) Ambient Temperature Ta ( °C) Ambient Temperature Ta ( °C) Ambient Temperature Ta ( °C) 3.4 3.2 3.0 2.8 2.6 2.4 2.2 2.0 1.8 25.0 20.0 15.0 5.0 0 0 175 150 125 100 75 18 17 16 15 14 13 12 11 10 −10 −9 −8 −7 −6 −5 −4 −3 −2 −1 −200 −180 −160 −140 −120 −100 −80 −60 −40 −60 −40 −20 0 204060 80 100 −60 −40 −20 0 20 40 60 80 100 −60 −40 −20 0 20 406080 100 −60 −40 −20 0 20 40 60 80 100 −60 −40 −20 0 20 406080 100 1.4 1.3 1.2 1.1 1.0 01 2 3 4 5 6 7 89 10 Ta = 25 °C Ta = 85 °C Ta = −30 °C ON →OFF OFF →ON ON →OFF OFF →ON Timer ON …Circuit operation ON Timer OFF …Circuit operation OFF Timer ON Timer OFF |