| Moteur de recherche de fiches techniques de composants électroniques |
|
9DB233 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB233 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 18 page ![]() 9DB233 TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3 IDT® TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3 13 9DB233 OCTOBER 20, 2016 Marking Diagrams 20-pin SSOP 20-pin TSSOP Notes: 1. “LOT” is the lot number. 2. “YYWW” is the last two digits of the year and week that the part was assembled. 3. “L” or “LF” denotes RoHS compliant package. 4. “I” denotes industrial temperature. 5. Bottom marking: country of origin if not USA. 9DB233AFILF LOT YYWW 9DB233AFLF LOT YYWW LOT YYWW 9DB233AIL ICS LOT YYWW 9DB233AGL ICS |