Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APCI-IB40 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce APCI-IB40
Description  32-bit PCI Local Bus I/O board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

APCI-IB40 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button APCI-IB40 Datasheet HTML 2Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 3Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 4Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 5Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2192-09099-000-000
Page 8
J591 APCI-IB40
Installation for CE Compliance
To maintain compliance with the requirements of the EMC directive (89/336/EEC), this product must
be correctly installed. The PC system in which the board is housed must be CE compliant as declared
by the manufacturer. The type of external I/O cable required can be chosen according to the notes
below:
1. Remove the cover of the PC observing any additional instructions of the PC manufacturer.
2. Locate the board in a spare PCI slot and press gently but firmly into place.
3. Ensure that the metal bracket attached to the board is fully seated.
4. fit the bracket clamping screw and firmly tighten this on the bracket.
Note:- Good contact of the bracket to the chassis is essential.
5. Replace the cover of the PC observing any additional instructions of the PC manufacturer.
Cable
Cable length 1 Metre or less
: Ribbon cable satisfactory.
Cable 1 Metre to 3 Meters
: Commerial screened cable.
> 3 Meters or noisy environment : Use fully screened cable with metal backshells
e.g. Arcom CAB50CE
The following standards have been applied to this product:
BS EN50081-1
: 1992 Generic Emissions Standard, Residential, Commercial, Light Industry
BS EN50082-1 : 1992 Generic Immunity Standard, Residential, Commercial, Light Industry
BSEN55022
: 1995 ITE Emissions, Class B, Limits and Methods.



Html Pages

1 2 3 4 5 6 7 8 9 10