| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2025-500E/P Fiches technique(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2025-500E/P Fiches technique(HTML) 5 Page - Microchip Technology |
|
5 / 38 page ![]() 2012-2014 Microchip Technology Inc. DS20002306B-page 5 MCP2025 TABLE 1-1: OVERVIEW OF OPERATIONAL MODES State Transmitter Receiver Internal Wake Module Voltage Regulator Operation Comments POR OFF OFF OFF OFF Proceed to Ready mode after VBB >VON. — Ready OFF ON OFF ON If CS/LWAKE is high, then proceed to Operation or Transmitter Off mode. Bus Off state Operation ON ON OFF ON If CS/LWAKE is low, then proceed to Transmitter Off mode. Normal Operation mode Power-Down OFF OFF ON Activity Detect OFF On LIN bus rising edge or CS/LWAKE high level, go to Ready mode. Lowest- Power mode Transmitter Off OFF ON OFF ON If TXD and CS/LWAKE are low, then proceed to Power-Down mode. If TXD and CS/LWAKE are high, then proceed to Operation mode. Bus Off state, lower-power mode |