Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8103974 Fiches technique(PDF) 2 Page - ledxon GmbH

No de pièce 8103974
Description  Recessed spotlight ESP1-S30, 19,3W 1795lm CRI90 2700K 40° black
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDXON [ledxon GmbH]
Site Internet  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8103974 Fiches technique(HTML) 2 Page - ledxon GmbH

  8103974 Datasheet HTML 1Page - ledxon GmbH 8103974 Datasheet HTML 2Page - ledxon GmbH 8103974 Datasheet HTML 3Page - ledxon GmbH 8103974 Datasheet HTML 4Page - ledxon GmbH 8103974 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8103974
/
Page 2 5
OXOMI
Created on 09/04/2026
ITEM DETAILS
CHARACTERISTICS
COMMERCIAL DATA
Discount group
EFGH
DIMENSIONS (PRODUCT INCL. BASIC PACKAGING)
Length
82 mm
Width
144 mm
Height
135 mm
Volume
1,594.08 cm³ (1.59 l)
Weight
0.51 kg
FEATURES
Product group
Downlight/spot/floodlight (EC001744)
Suitable for wall mounting
No
Exchangeable control gear
No
Dimming DALI-2
No
Suitable for traverse mounting
No
Suitable for pedestal/floor mounting
No
Suitable for light-track mounting
No
Suitable for clamp-mounting
No
Suitable for low voltage cable system
No
Lamp type
LED not exchangeable
Suitable for number of light sources
1
Professional recessed spotlight series in a wide range of variants for architectural,
exhibition, office and home applications.  Anti-glare and efficiency-optimized optical
system with high colour rendering. (UGR<17, >120lm/W, CRI90) Including external control
gear via connector.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com