Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8103971 Fiches technique(PDF) 3 Page - ledxon GmbH

No de pièce 8103971
Description  Recessed spotlight ESP1-S30, 19,3W 1795lm CRI90 2700K 25° white
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDXON [ledxon GmbH]
Site Internet  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8103971 Fiches technique(HTML) 3 Page - ledxon GmbH

  8103971 Datasheet HTML 1Page - ledxon GmbH 8103971 Datasheet HTML 2Page - ledxon GmbH 8103971 Datasheet HTML 3Page - ledxon GmbH 8103971 Datasheet HTML 4Page - ledxon GmbH 8103971 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8103971
/
Page 3 5
OXOMI
Created on 09/04/2026
Housing material
Aluminium
Housing colour
White
Voltage type
AC
Nominal voltage
230 V
No dim function
Yes
Light distribution
Symmetric
Beam angle
21-40° - Medium beam
Rated lifetime L70/B50 at 25 °C
50,000 h
Degree of protection (IP)
IP20
Degree of protection (NEMA)
Other
Impact strength
IK03
Protection class according to IEC 61140
II
Max. system power
19.30 W
Colour of light
White
Colour temperature
2,700.00 K
Colour rendering index CRI
90-100
Luminous flux
1,795.00 lm
Rated luminous flux according to IEC
62722-2-1
1,795 lm
Width
144 mm
Height/depth
135.00 mm
Length
82 mm
Colour consistency (McAdam ellipse)
SDCM3
Unified Glare Ratio (UGR)
6
Suitable for built-in mounting
Yes
With light source
Yes



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com