Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AHT20 Fiches technique(PDF) 16 Page - ASAIR All Rights Reserved.

No de pièce AHT20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASAIR [ASAIR All Rights Reserved.]
Site Internet  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT20 Fiches technique(HTML) 16 Page - ASAIR All Rights Reserved.

Back Button AHT20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 13Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 14Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 15Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 16Page - ASAIR All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
16 / 16
Important Notices
Warning, Personal Injury
Do not apply this product to safety protection devices or
emergency stop equipment, and any other applications
that may cause personal injury due to the product's failure.
Do not use this product unless there is a special purpose
or use authorization. Refer to the product data sheet and
application guide before installing, handling, using or
maintaining the product. Failure to follow this
recommendation may result in death and serious personal
injury.
If the buyer intends to purchase or use Aosong’s products
without obtaining any application licenses and
authorizations, the buyer will bear all the compensation for
personal injury and death arising therefrom, and exempt
Aosong’s managers and employees and affiliated
subsidiaries from this , Agents, distributors, etc. may incur
any claims, including: various costs, compensation fees,
attorney fees, etc.
ESD Protection
Due to the inherent design of the component, it is sensitive
to static electricity. In order to prevent the damage caused
by static electricity or reduce the performance of the
product, please take necessary anti-static measures when
using this product.
Quality Assurance
The company provides a 12-month (1 year) quality
guarantee (calculated from the date of shipment) to direct
purchasers of its products, based on the technical
specifications in the product data manual published by
Aosong. If the product is proved to be defective during the
warranty period, the company will provide free repair or
replacement. Users need to satisfy the following conditions:
Notify our company in writing within 14 days after the
defect is found.
The defect of this product will help to find out the
deficiency in design, material and technology of our
product.
The product should be sent back to our company at
the buyer’s expense.
The product should be within the warranty period.
The company is only responsible for products that are
defective when used in applications that meet the technical
conditions of the product. The company does not make any
guarantees, guarantees or written statements about the
application of its products in those special applications. At
the same time, the company does not make any promises
about the reliability of its products when applied to products
or circuits.
This manual may be changed
at any time without
notice.
Copyright® 2021, ASAIR®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16