Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5600 Fiches technique(PDF) 29 Page - ams AG

No de pièce AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5600 Fiches technique(HTML) 29 Page - ams AG

Back Button AS5600 Datasheet HTML 25Page - ams AG AS5600 Datasheet HTML 26Page - ams AG AS5600 Datasheet HTML 27Page - ams AG AS5600 Datasheet HTML 28Page - ams AG AS5600 Datasheet HTML 29Page - ams AG AS5600 Datasheet HTML 30Page - ams AG AS5600 Datasheet HTML 31Page - ams AG AS5600 Datasheet HTML 32Page - ams AG AS5600 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
ams Datasheet
Page 29
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Register Description
For a fast step response and low noise after settling, the fast
filter can be enabled. The fast filter works only if the input
variation is greater than the fast filter threshold, otherwise the
output response is determined only by the slow filter. The fast
filter threshold is programmed with the FTH bits in the CONF
Register. As shown in Figure 34, the step response stays within
an error band after two full sampling periods to settle to the
final value determined by the slow filter.
Figure 33:
Fast Filter Threshold
FTH
Fast Filter Threshold (LSB)
Slow-to-fast filter
Fast-to-slow filter
000
Slow filter only
001
6
1
010
7
1
011
9
1
100
18
2
101
21
2
110
24
2
111
10
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43