Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED22V1A Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce LED22V1A
Description  HIGH EFFICIENCY LED CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LED22V1A Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  LED22V1A Datasheet HTML 1Page - List of Unclassifed Manufacturers LED22V1A Datasheet HTML 2Page - List of Unclassifed Manufacturers LED22V1A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089. U. S. A. Tel.: (408) 747 -9760, Fax: (408) 747-9770. www.analogtechnologies.com
© Copyright 1999 – 2003, Analog Technologies, Inc. All Rights Reserved. Updated: 4/28/03
3/3
LED22V1A
Analog Technologies, Inc.
Part Numbers for Ordering
Part Number
Input
Voltage
Output
Current
Application
LED22V1A-350MA
7V ~ 22V
350mA
For driving one to five 1W Luxeon LED
LED22V1A-700MA
7V ~ 22V
700mA
For driving one to two 5W Luxeon LED
LED22V1A-ADJ
7V ~ 22V
Adjustable
For driving one to five 1W Luxeon LED
or one to two 5W Luxeon LED
Prices and Lead-Times for Ordering
Part Number
1 – 9 PCs
10 – 49 PCs
50 – 249 PCs
250 – 999 PCs
1000 PCs and
up
LED22V1A-350MA
$19
$16
$14
$11
$9.5
LED22V1A-700MA
$19
$16
$14
$11
$9.5
LED22V1A-ADJ
$28
$24
$18
$14
$12
Lead Time
1 week
2 weeks
2 weeks
3 weeks
Contact us
Payment Term: Credit cards or P.O.s with 50% down payment 50% net 30.
Note: ATI retains the ownership of full rights for its LED controller technologies, associated the designs for
mechanics and electronics, plus all modifications, improvements, and inventions made by ATI.



Html Pages

1 2 3