Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KB846CD Fiches technique(PDF) 7 Page - Kingbright Corporation

No de pièce KB846CD
Description  PHOTOCOUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB846CD Fiches technique(HTML) 7 Page - Kingbright Corporation

  KB846CD Datasheet HTML 1Page - Kingbright Corporation KB846CD Datasheet HTML 2Page - Kingbright Corporation KB846CD Datasheet HTML 3Page - Kingbright Corporation KB846CD Datasheet HTML 4Page - Kingbright Corporation KB846CD Datasheet HTML 5Page - Kingbright Corporation KB846CD Datasheet HTML 6Page - Kingbright Corporation KB846CD Datasheet HTML 7Page - Kingbright Corporation KB846CD Datasheet HTML 8Page - Kingbright Corporation KB846CD Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SPEC NO: DSAD1548
REV NO: V.5
DATE: NOV/21/2005
PAGE: 7 OF 9
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000026
PHOTOCOUPLER
P/N: KB846
Within this device there exists GaAs (Gallium Arsenide) material which is a harmful substance if ingested.
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
specified operating ranges as set forth in the most recent products specifications.
In developing your designs, please ensure that KINGBRIGHT products are used within
KINGBRIGHT product could cause loss of human life, bodily injury or damage to property.
stress. It is the responsibility of the buyer, when utilizing KINGBRIGHT products, to observe
standards of safety, and to a avoid situations in which a malfunction or failure of a
document, please confirm that this is the latest version. Not all devices / types available
The information in this document is subject to change without notice. Before using this
RESTRICTIONS ON PRODUCT USE
GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them.
We are mention about our product quality stablity, semiconductor devices in general can
in every country.
CAUTION



Html Pages

1 2 3 4 5 6 7 8 9