Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KW-DPLS34-HD Fiches technique(PDF) 29 Page - ams-OSRAM AG

No de pièce KW-DPLS34-HD
Description  SYNIOS® E4014
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DPLS34-HD Fiches technique(HTML) 29 Page - ams-OSRAM AG

Back Button KW-DPLS34-HD Datasheet HTML 24Page - ams-OSRAM AG KW-DPLS34-HD Datasheet HTML 25Page - ams-OSRAM AG KW-DPLS34-HD Datasheet HTML 26Page - ams-OSRAM AG KW-DPLS34-HD Datasheet HTML 27Page - ams-OSRAM AG KW-DPLS34-HD Datasheet HTML 28Page - ams-OSRAM AG KW-DPLS34-HD Datasheet HTML 29Page - ams-OSRAM AG KW-DPLS34-HD Datasheet HTML 30Page - ams-OSRAM AG KW-DPLS34-HD Datasheet HTML 31Page - ams-OSRAM AG KW-DPLS34-HD Datasheet HTML 32Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
KW DPLS34.HD
DATASHEET
DATASHEET
29 | Version 1.2 | 2023-07-17
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on our website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
Our components are not developed, constructed or tested for the application as safety relevant component
or for the application in medical devices.
Our products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using our components in product safety devices/
applications or medical devices/applications, buyer and/or customer has to inform our local sales partner
immediately and we and buyer and /or customer will analyze and coordinate the customer-specific request
between us and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32