Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KW-DNLS31-RA Fiches technique(PDF) 21 Page - ams-OSRAM AG

No de pièce KW-DNLS31-RA
Description  SYNIOS® E2314
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DNLS31-RA Fiches technique(HTML) 21 Page - ams-OSRAM AG

Back Button KW-DNLS31-RA Datasheet HTML 17Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 18Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 19Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 20Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 21Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 22Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 23Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 24Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 25Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
KW DNLS31.RA
DATASHEET
DATASHEET
21 | Version 1.4 | 2024-12-09
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light
sources have a high secondary exposure potential due to their blinding effect. When looking at bright light
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25