| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4725A2TE/CH Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4725A2TE/CH Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 42 page ![]() MCP4725 DS22039C-page 4 © 2007 Microchip Technology Inc. TEMPERATURE CHARACTERISTICS Electrical Specifications: Unless otherwise indicated, V DD = +2.7V to +5.5V, VSS =GND. Parameters Sym Min Typ Max Units Conditions Temperature Ranges Specified Temperature Range TA -40 — +125 °C Operating Temperature Range TA -40 — +125 °C Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 6L-SOT-23 θ JA —190 — °C/W |