Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ND30PNET13200X1 Fiches technique(PDF) 4 Page - LUMEL S.A.

No de pièce ND30PNET13200X1
Description  METER OF POWER NETWORK PARAMETERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMEL [LUMEL S.A.]
Site Internet  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

ND30PNET13200X1 Fiches technique(HTML) 4 Page - LUMEL S.A.

  ND30PNET13200X1 Datasheet HTML 1Page - LUMEL S.A. ND30PNET13200X1 Datasheet HTML 2Page - LUMEL S.A. ND30PNET13200X1 Datasheet HTML 3Page - LUMEL S.A. ND30PNET13200X1 Datasheet HTML 4Page - LUMEL S.A. ND30PNET13200X1 Datasheet HTML 5Page - LUMEL S.A. ND30PNET13200X1 Datasheet HTML 6Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.lumel.com.pl
4
ND30PNET - METEROFPOWERNETWORKPARAMETERSWITHPROFINET
DISPLAYING OF MEASUREMENT PARAMETERS
two screens dedicated to harmonics;
indication of individual harmonic
for voltages and currents (up to 51st);
bargraph presentation for all harmonics
with zoom function
easy to use and intuitive menu;
information bar with status of: phase
sequence, alarm outputs, temperature
measurements, binary inputs*
and RS-485 interfaces,
time and date
*- availability of feature depends on
hardware version of ND30PNET
up to 10 programmable screens
(8 parameters per page);
ability to change color for all screens
Available colors for digital indications:
presentation in the form of analog
meter view with min/max preview
for display value and zoom function



Html Pages

1 2 3 4 5 6