| Moteur de recherche de fiches techniques de composants électroniques |
|
ND30PNET11200M0 Fiches technique(PDF) 4 Page - LUMEL S.A. |
|
|
|||||||||||||||||||||||||||||
ND30PNET11200M0 Fiches technique(HTML) 4 Page - LUMEL S.A. |
|
4 / 6 page ![]() www.lumel.com.pl 4 ND30PNET - METEROFPOWERNETWORKPARAMETERSWITHPROFINET DISPLAYING OF MEASUREMENT PARAMETERS two screens dedicated to harmonics; indication of individual harmonic for voltages and currents (up to 51st); bargraph presentation for all harmonics with zoom function easy to use and intuitive menu; information bar with status of: phase sequence, alarm outputs, temperature measurements, binary inputs* and RS-485 interfaces, time and date *- availability of feature depends on hardware version of ND30PNET up to 10 programmable screens (8 parameters per page); ability to change color for all screens Available colors for digital indications: presentation in the form of analog meter view with min/max preview for display value and zoom function |