| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBTA42 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MMBTA42 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() MMBTA42 SMALL SIGNAL NPN TRANSISTOR PRELIMINARY DATA s SILICON EPITAXIAL PLANAR NPN HIGH VOLTAGE TRANSISTOR s MINIATURE SOT-23 PLASTIC PACKAGE FOR SURFACE MOUNTING CIRCUITS s TAPE AND REEL PACKING s THE PNP COMPLEMENTARY TYPE IS MMBTA92 APPLICATIONS s VIDEO AMPLIFIER CIRCUITS (RGB CATHODE CURRENT CONTROL) s TELEPHONE WIRELINE INTERFACE (HOOK SWITCHES, DIALER CIRCUITS) INTERNAL SCHEMATIC DIAGRAM January 2003 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 300 V VCEO Collector-Emitter Voltage (IB = 0) 300 V VEBO Emitter-Base Voltage (IC = 0) 6 V IC Collector Current 0.5 A ICM Collector Peak Current 0.6 A Ptot Total Dissipation at TC = 25 oC 350 mW Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC Type Marking MMBTA42 A42 ® SOT-23 1/4 |
Numéro de pièce similaire - MMBTA42 |
|
Description similaire - MMBTA42 |