| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBT3906 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MMBT3906 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() MMBT3906 SMALL SIGNAL PNP TRANSISTOR PRELIMINARY DATA s SILICON EPITAXIAL PLANAR PNP TRANSISTOR s MINIATURE SOT-23 PLASTIC PACKAGE FOR SURFACE MOUNTING CIRCUITS s TAPE AND REEL PACKING s THE NPN COMPLEMENTARY TYPE IS MMBT3904 APPLICATIONS s WELL SUITABLE FOR PORTABLE EQUIPMENT s SMALL LOAD SWITCH TRANSISTOR WITH HIGH GAIN AND LOW SATURATION VOLTAGE ® INTERNAL SCHEMATIC DIAGRAM June 2002 SOT-23 Type Marking MMBT3906 36 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) -60 V VCEO Collector-Emitter Voltage (IB = 0) -40 V VEBO Emitter-Base Voltage (IC = 0) -6 V IC Collector Current -200 mA Ptot Total Dissipation at TC = 25 oC 350 mW Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1/4 |
Numéro de pièce similaire - MMBT3906 |
|
Description similaire - MMBT3906 |