Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STULPI01BTBR Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STULPI01BTBR
Description  HS USB ULPI transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01BTBR Fiches technique(HTML) 3 Page - STMicroelectronics

  STULPI01BTBR Datasheet HTML 1Page - STMicroelectronics STULPI01BTBR Datasheet HTML 2Page - STMicroelectronics STULPI01BTBR Datasheet HTML 3Page - STMicroelectronics STULPI01BTBR Datasheet HTML 4Page - STMicroelectronics STULPI01BTBR Datasheet HTML 5Page - STMicroelectronics STULPI01BTBR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STULPI01A - STULPI01B
Package mechanical data
3/6
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.0
1.1
1.16
39.4
43.3
45.7
A1
0.25
9.8
A2
0.78
0.86
30.7
33.9
b
0.25
0.300.35
9.8
11.8
13.8
D
3.5
3.6
3.7
137.8
141.7
145.7
D1
2.5
98.4
E
3.5
3.6
3.7
137.8
141.7
145.7
E1
2.5
98.4
e0.5
19.7
F
0.55
21.7
TFBGA36 mechanical data
7941410/B



Html Pages

1 2 3 4 5 6