Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP75NF20 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STP75NF20
Description  N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75NF20 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STP75NF20 Datasheet HTML 6Page - STMicroelectronics STP75NF20 Datasheet HTML 7Page - STMicroelectronics STP75NF20 Datasheet HTML 8Page - STMicroelectronics STP75NF20 Datasheet HTML 9Page - STMicroelectronics STP75NF20 Datasheet HTML 10Page - STMicroelectronics STP75NF20 Datasheet HTML 11Page - STMicroelectronics STP75NF20 Datasheet HTML 12Page - STMicroelectronics STP75NF20 Datasheet HTML 13Page - STMicroelectronics STP75NF20 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STB75NF20 - STP75NF20 - STW75NF20
10/16
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16