Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA015 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 9Page - STMicroelectronics STA015 Datasheet HTML 10Page - STMicroelectronics STA015 Datasheet HTML 11Page - STMicroelectronics STA015 Datasheet HTML 12Page - STMicroelectronics STA015 Datasheet HTML 13Page - STMicroelectronics STA015 Datasheet HTML 14Page - STMicroelectronics STA015 Datasheet HTML 15Page - STMicroelectronics STA015 Datasheet HTML 16Page - STMicroelectronics STA015 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
13/55
STA015 STA015B STA015T
Figure 11.
The following 4 figures (fig. 12, 13, 14, 15) show the available connection diagrams as far as ADPCM en-
coding function. As shown in the figures some configuration is not available in SO28 package.
Figure 12. Input from BITSTREAM, Output from I2C
Figure 13. Input from ADC, Output from I2C +IRQ
ADC I/F
ENCOD
ENGINE
I2C
GPSO
MUX
SDA
SCL
DATA_REQ
LRCK_ADC
SDI_ADC
SCK_ADC
GPSO_REQ
GPSO_DATA
GPSO_SCKR
SERIAL
RECEIVER
SDI
SCKR
DATA_REQ
D99AU1064
SDI
SCKR
LRCKT
SCKT
SDO
OCLK
DATA_REQ
MCU
DAC
BIT_EN
I2C
D99AU1121A
SO28
TQFP44
LFBGA64
STA013 compatible mode
DATA_REQ
DATA_REQ
LRCK_ADC
SDI_ADC
SDO
LRCKT
SCKT
SCK_ADC
SDI_ADC
I2C
I2C
OCLK
MCU
ADC
SLAVE
MCU
ADC
MASTER
DAC
DAC
STA015
STA015
D99AU1123A
OCLK
SDO
SCKT
LRCKT
SO28
TQFP44
LFBGA64
SO28
TQFP44
LFBGA64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55