Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC1G02DBVT Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LVC1G02DBVT
Description  SINGLE 2-INPUT POSITIVE NOR-GATE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G02DBVT Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74LVC1G02DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC1G02DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G02DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G02DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G02DCKR
SC70
DCK
5
3000
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC1G02DCKR
SC70
DCK
5
3000
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC1G02DCKR
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC1G02DCKT
SC70
DCK
5
250
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC1G02DCKT
SC70
DCK
5
250
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC1G02DCKT
SC70
DCK
5
250
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC1G02DRLR
SOT
DRL
5
4000
180.0
9.2
1.78
1.78
0.69
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
31-May-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15