Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB021E Fiches technique(PDF) 64 Page - Renesas Technology Corp

No de pièce AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Fiches technique(HTML) 64 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 60Page - Renesas Technology Corp AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp AT45DB021E Datasheet HTML 63Page - Renesas Technology Corp AT45DB021E Datasheet HTML 64Page - Renesas Technology Corp AT45DB021E Datasheet HTML 65Page - Renesas Technology Corp AT45DB021E Datasheet HTML 66Page - Renesas Technology Corp AT45DB021E Datasheet HTML 67Page - Renesas Technology Corp AT45DB021E Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 64
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
30.2 8-lead 208-mil EIAJ SOIC
b
c
b1
BASE METAL
WITH PLATING
SECTION B-B
c1
A1
Side View
A
D
A2
A3
SYMBOL
MILLIMETER
MIN
NOM
MAX
_
A
A1
A2
A3
b
b1
c
c1
D
E1
E
e
L
L1
_
2.15
0.05
_
0.25
1.70
1.80
1.90
0.75
0.80
0.85
0.41
_
0.50
0.40
0.43
0.46
0.20
_
0.25
0.19
0.20
0.21
5.13
5.23
5.33
5.18
5.28
5.38
7.80
7.90
8.00
0.50
0.65
0.80
0
o
_
1.31 REF.
1.27 BSC
8
o
Cross Section
C
L
L1
o
Top View
b
e
BB
E1 E
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69