| Moteur de recherche de fiches techniques de composants électroniques |
|
MK5027DIP Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK5027DIP Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 19 page ![]() SIGNALLING UNIT REPERTOIRE The signal unit repertoire of the MK5027 is shown in Table 1. This set conforms to the 1988 CCITT specification for level 2 of Signalling System #7. The definitions for the symbols for the frame types are: Name Definition F FSN BSN FIB BIB LI X SIO SIF SF FCS Flag Sequence Forward Sequence Number Backward Sequences Number Forward Indicator Bit Backward Indicator Bit Lenght Indicator Programmed As Zeroes Signalling Information Octet Service Information Field Satus Field Frame Check Sequence Table 1: MK5027 Signal Unit Repertoire. MK5027 9/19 |