Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TBPRCAM Fiches technique(PDF) 1 Page - Infinite Electronics International, Inc.

No de pièce TBPRCAM
Description  RCA MALE TO TERMINAL BLOCK WITH PUSH BUTTON 2 PIN CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  L-COM [Infinite Electronics International, Inc.]
Site Internet  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TBPRCAM Fiches technique(HTML) 1 Page - Infinite Electronics International, Inc.

  TBPRCAM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.45
36.8
.35
9.0
.83
21
.46
11.6
.61
15.4
.12
3.1
.350 8.9
.77
19.5
.56
14.3
NOTES:
MATERIAL:
1.
CONNECTOR: ZINC ALLOY
1.
MOLDED: BLACK PVC
2.
HOUSING: PA66
3.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
4/2/2025
DMAY
DGUTTADAURO
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
TBPRCAM
A
RCA MALE TO TERMINAL BLOCK WITH PUSH BUTTON 2 PIN
CONNECTOR
DMAY
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1


Numéro de pièce similaire - TBPRCAM

FabricantNo de pièceFiches techniqueDescription
logo
Infinite Electronics In...
TBPRCAF L-COM-TBPRCAF Datasheet
116Kb / 1P
RCA FEMALE TO TERMINAL BLOCK WITH PUSH BUTTON 2 PIN CONNECTOR
04/02/2025
More results

Description similaire - TBPRCAM

FabricantNo de pièceFiches techniqueDescription
logo
WAGO Kontakttechnik Gmb...
2202-1601 WAGO-2202-1601 Datasheet
908Kb / 19P
2-conductor through terminal block; with push-button; 2.5 mm짼
24.11.2021
2202-1662 WAGO-2202-1662 Datasheet
793Kb / 17P
2-conductor carrier terminal block; with push-button
24.11.2021
2202-1672 WAGO-2202-1672 Datasheet
940Kb / 17P
2-conductor disconnect/test terminal block; with push-button
24.11.2021
2202-1674 WAGO-2202-1674 Datasheet
966Kb / 19P
2-conductor disconnect/test terminal block; with push-button
24.11.2021
2200-1201 WAGO-2200-1201 Datasheet
709Kb / 15P
2-conductor through terminal block; with push-button
23.11.2021
2201-1201 WAGO-2201-1201 Datasheet
736Kb / 14P
2-conductor through terminal block; with push-button
24.11.2021
2201-1207 WAGO-2201-1207 Datasheet
707Kb / 13P
2-conductor ground terminal block; with push-button
24.11.2021
2202-1201 WAGO-2202-1201 Datasheet
960Kb / 21P
2-conductor through terminal block; with push-button
23.11.2021
2202-1204 WAGO-2202-1204 Datasheet
997Kb / 21P
2-conductor through terminal block; with push-button
24.11.2021
2202-1207 WAGO-2202-1207 Datasheet
910Kb / 19P
2-conductor ground terminal block; with push-button
23.11.2021
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com