| Moteur de recherche de fiches techniques de composants électroniques |
|
MJE3440 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MJE3440 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() MJE3440 SILICON NPN TRANSISTOR s SGS-THOMSON PREFERRED SALESTYPE s NPN TRANSISTOR DESCRIPTION The MJE3440 is a NPN silicon epitaxial planar transistors in SOT-32 plastic package. It is designed for use in consumer and industrial line-operated applications. INTERNAL SCHEMATIC DIAGRAM June 1997 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t VCBO Collect or-Base Voltage (IE =0) 350 V VCEO Collect or-Emitt er Voltage (IB =0) 250 V VEBO Emitt er-Base Voltage (IC =0) 5V IC Collect or Current 0.3 A IB Base Current 0. 15 A Ptot Total Power Dissipation at Tcase ≤ 25 oC 15 W Tstg St orage Temperature -65 t o +150 oC Tj Max. Operating Junction Temperature 150 oC SOT-32 3 2 1 1/5 |
Numéro de pièce similaire - MJE3440 |
|
Description similaire - MJE3440 |