Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMVC019 Fiches technique(PDF) 2 Page - Infinite Electronics International, Inc.

No de pièce FMVC019
Description  VCO (Voltage Controlled Oscillator) 0.175 inch Commercial SMT (Surface Mount), Frequency of 10 GHz to 11 GHz, Phase Noise -72 dBc/Hz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMVC019 Fiches technique(HTML) 2 Page - Infinite Electronics International, Inc.

  FMVC019 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMVC019 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMVC019 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMVC019 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMVC019 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only
in ESD Workstation.
Compliance Certifications (visit www.FairviewMicrowave.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial SMT (Surface Mount), Frequency of 10 GHz to 11 GHz, Phase
Noise -72 dBc/Hz from Fairview Microwave is in-stock and available to ship same-day. All of our RF/microwave products
are available off-the-shelf from our ISO 9001:2008 certified facilities in Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: VCO (Voltage Controlled Oscillator) 0.175 inch
Commercial SMT (Surface Mount), Frequency of 10 GHz to 11 GHz, Phase Noise -72 dBc/Hz FMVC019
URL: http://www.fairviewmicrowave.com/vco-voltage-controlled-oscillator-smt-surface-mount-11-ghz-fmvc019-p.aspx
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 5
FMVC019
DATA SHEET



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com