Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RZ/T2ME Fiches technique(PDF) 81 Page - Renesas Technology Corp

No de pièce RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Fiches technique(HTML) 81 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 77Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 78Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 79Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 80Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 81Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 82Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 83Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 84Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
Output stopping signal
from GPT*1
GPT PWM output pins
Outputs disabled
tPOEGDO
Note 1. GPTn.GTST.DTEF (dead time error flag), GPTn.GTST.OABLF (simultaneous low out flag), or GPTn.GTST.OABHF
(simultaneous high output flag)
Figure 2.51
Output disable time for POEG in response to detection of the output stopping signal from GPT
POEGmGn.SSF bit
(m = 0 to 2, n = A to D)
GPT PWM output pins
Outputs disabled
tPOEGDS
Figure 2.52
Output disable time for POEG in response to the register setting
GPT PWM output pins
Oscillation stop detection
signal (internal signal)
Main clock
Outputs disabled
tPOEGDOS
Figure 2.53
Output disable time for POEG in response to the oscillation stop detection
2.5.5.7
A/D Converter Trigger Timing
Table 2.31
A/D converter trigger timing
Parameter
Symbol
Min.
Max.
Unit*1
Reference figure
A/D converter
A/D converter trigger
input pulse width
ADTRG0#,
ADTRG1#
tTRGW
1.5
—
tPADCcyc
Figure 2.54
Note 1. tPADCcyc: PCLKADC cycle
PCLKADC
tTRGW
ADTRG0#
ADTRG1#
Figure 2.54
A/D converter trigger input timing (ADTRG0#, ADTRG1#)
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 81 of 116