Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRAG2 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 16Page - STMicroelectronics XRAG2 Datasheet HTML 17Page - STMicroelectronics XRAG2 Datasheet HTML 18Page - STMicroelectronics XRAG2 Datasheet HTML 19Page - STMicroelectronics XRAG2 Datasheet HTML 20Page - STMicroelectronics XRAG2 Datasheet HTML 21Page - STMicroelectronics XRAG2 Datasheet HTML 22Page - STMicroelectronics XRAG2 Datasheet HTML 23Page - STMicroelectronics XRAG2 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Tag-to-reader protocol
XRAG2
20/33
6.1.6
Tag-to-reader Miller sub carrier modulation preamble
As for the FM0 base band modulation, the Tag supports the two Miller subcarrier
modulation preamble formats, according to the TRext parameter, as specified in the
EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9.
Figure 15 shows Miller preamble according to the value of the TRext parameter of the Query
command starting the inventory round.
Figure 15.
Tag-to-reader Miller Preamble
6.1.7
Tag-to-reader Miller subcarrier modulation end of signaling
In accordance with the EPCglobal Class 1 generation 2 RFID UHF specification, revision
1.0.9, the tag miller subcarrier modulation signaling ends with a dummy ‘1’. Figure 16 shows
the different possible Miller subcarrier modulation end of signaling sequences.
M=2
M=4
M=8
Miller preamble (TRext = 0)
010111
4M/LF
01
0
1
1
1
4M/LF
Miller preamble (TRext = 1)
0
1
0111
16M/LF
M=2
M=4
010
1
1
1
16M/LF
01
0111
16M/LF
M=8
ai12331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33