Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F5671CDGLE Fiches technique(PDF) 83 Page - Renesas Technology Corp

No de pièce R5F5671CDGLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDGLE Fiches technique(HTML) 83 Page - Renesas Technology Corp

Back Button R5F5671CDGLE Datasheet HTML 79Page - Renesas Technology Corp R5F5671CDGLE Datasheet HTML 80Page - Renesas Technology Corp R5F5671CDGLE Datasheet HTML 81Page - Renesas Technology Corp R5F5671CDGLE Datasheet HTML 82Page - Renesas Technology Corp R5F5671CDGLE Datasheet HTML 83Page - Renesas Technology Corp R5F5671CDGLE Datasheet HTML 84Page - Renesas Technology Corp R5F5671CDGLE Datasheet HTML 85Page - Renesas Technology Corp R5F5671CDGLE Datasheet HTML 86Page - Renesas Technology Corp R5F5671CDGLE Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 83 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note 1. The input leakage current value at the EMLE and BSCANP pins are only when Vin = 0 V.
Table 2.5
DC Characteristics (2)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Output high voltage
All output pins
VOH
VCC – 0.5
—
—
V
IOH = –1 mA
Output low voltage
All output pins
(except for RIIC0 to RIIC2 pins
and RIICHS0 pin)
VOL
——
0.5
V
IOL = 1.0 mA
RIIC0 to RIIC2 output pin
RIICHS0 output pin
——
0.4
IOL = 3.0 mA
——
0.6
IOL = 6.0 mA
RIIC0 output pin
RIICHS0 output pin
——
0.4
IOL = 15.0 mA
(ICFER.FMPE = 1)
—0.4
—
IOL = 20.0 mA
(ICFER.FMPE = 1)
RIICHS0 output pin
—
—
0.4
IOL = 3.0 mA
(ICFER.HSME = 1)
Input leakage current
RES#, MD pin, EMLE*1,
BSCANP*1, NMI
| Iin |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
Other than ports for 5 V tolerant
| ITSI |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Ports for 5 V tolerant
—
—
5.0
Vin = 0 V
Vin = 5.5 V
Input pull-up resistor
Other than P35
RPU
10
—
100
kΩ
Vin = 0 V
Input pull-down
resistor
EMLE, BSCANP
RPD
10
—
100
kΩ
Vin = VCC
Pull-up current serving
as the SCLHS0 current
source
SCLHS0 pin (P12)
ICS
3
—
12
mA
VCC = 3.0 to 3.6 V
Vin = 0.3 × VCC to
0.7 × VCC
Input capacitance
All input pins
(except for P12, P13, P16, P17,
P20, P21, EMLE, BSCANP,
USB0_DP, USB0_DM,
USB1_DP and USB1_DM)
Cin
—
—
8
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
P12, P13, P16, P17, P20, P21,
EMLE, BSCANP, USB0_DP,
USB0_DM, USB1_DP and
USB1_DM
——
16
Power supply voltage in the backup domain
VBKP
—VCC
—
V
VCC ≥ VDETBATT
—
VBATT
—
VCC < VDETBATT
Output voltage of the VCL pin
VCL
—1.18
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com