| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5671CDDBP Fiches technique(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDBP Fiches technique(HTML) 16 Page - Renesas Technology Corp |
|
16 / 179 page ![]() RX671 Group 1. Overview R01DS0373EJ0120 Rev.1.20 Page 16 of 179 Sep 30, 2024 Note: Visit the Renesas Electronics Web site to check and obtain the ordering part numbers. RX671 (G-version) R5F56719HGBP PTBG0064KB-A 1 M 384 K 8 K 120 MHz Available –40 to +105 R5F56719DGBP PTBG0064KB-A 1 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671EHGLE PTLG0145JC-A 2 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671EDGLE PTLG0145JC-A 2 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671CHGLE PTLG0145JC-A 1.5 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671CDGLE PTLG0145JC-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +105 R5F56719HGLE PTLG0145JC-A 1 M 384 K 8 K 120 MHz Available –40 to +105 R5F56719DGLE PTLG0145JC-A 1 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671EHGLK PTLG0145KB-A 2 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671EDGLK PTLG0145KB-A 2 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671CHGLK PTLG0145KB-A 1.5 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671CDGLK PTLG0145KB-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +105 R5F56719HGLK PTLG0145KB-A 1 M 384 K 8 K 120 MHz Available –40 to +105 R5F56719DGLK PTLG0145KB-A 1 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671EHGLJ PTLG0100JB-A 2 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671EDGLJ PTLG0100JB-A 2 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671CHGLJ PTLG0100JB-A 1.5 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671CDGLJ PTLG0100JB-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +105 R5F56719HGLJ PTLG0100JB-A 1 M 384 K 8 K 120 MHz Available –40 to +105 R5F56719DGLJ PTLG0100JB-A 1 M 384 K 8 K 120 MHz Not available –40 to +105 Table 1.3 List of Products (3/3) Group Part No. Package Code Flash Memory Capacity (byte(s)) RAM Capacity (byte(s)) Data Flash Memory Capacity (byte(s)) Operating Frequency (Max.) Encryption Module Operating temperature (°C) |