Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F5671CDDFB Fiches technique(PDF) 165 Page - Renesas Technology Corp

No de pièce R5F5671CDDFB
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFB Fiches technique(HTML) 165 Page - Renesas Technology Corp

Back Button R5F5671CDDFB Datasheet HTML 161Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 162Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 163Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 164Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 165Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 166Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 167Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 168Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 165 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note 1. Definition of program/erase cycle:
The program/erase cycle is the number of program for the same address.
Note 2. Characteristics are degraded as the number of program/erase increases. This is the minimum value of program/erase cycles to
guarantee all characteristics listed in this table.
Note 3. This shows the characteristic when the flash memory writer or self-programming library from Renesas Electronics is in use, and
the number of times programming and erasure proceed does not exceed the specified value.
Note 4. These values are based on the results of reliability testing.
Table 2.63
Option Setting Memory Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Temperature range for programming/erasure: Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Program/erase cycles*1
NPEC
1000*2
——
Cycles
Data retention*3, *4
tDRP
20
—
—
Year
Ta ≤ 85°C
10
—
—
Ta ≤ 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More