| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5671CDDFB Fiches technique(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB Fiches technique(HTML) 90 Page - Renesas Technology Corp |
|
90 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 90 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics Note 1. The 12-bit A/D converter cannot be used. Table 2.13 Operating Frequency (Low-Speed Operating Mode 2) Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Operating frequency System clock (ICLK) f 32 — 264 kHz Peripheral module clock (PCLKA) — — 264 Peripheral module clock (PCLKB) — — 264 Peripheral module clock (PCLKC)*1 —— 264 Peripheral module clock (PCLKD)*1 —— 264 Flash-IF clock (FCLK) 32 — 264 External bus clock (BCLK) Package of 144 pins or more — — 264 100-pin package — — 264 BCLK pin output Package of 144 pins or more — — 264 100-pin package — — 264 SDRAM clock (SDCLK) Package of 144 pins or more — — 264 SDCLK pin output Package of 144 pins or more — — 264 |