Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F5671CDDFB Fiches technique(PDF) 154 Page - Renesas Technology Corp

No de pièce R5F5671CDDFB
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFB Fiches technique(HTML) 154 Page - Renesas Technology Corp

Back Button R5F5671CDDFB Datasheet HTML 150Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 151Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 152Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 153Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 154Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 155Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 156Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 154 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Figure 2.91
DP and DM Output Timing (Full-Speed)
Figure 2.92
Test Circuit (Full-Speed)
Table 2.52
On-Chip USB Full-Speed Characteristics (DP and DM Pin Characteristics)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 3.0 to 3.6 V, 3.0 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
UCLK = 48 MHz,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input
characteristics
Input high level voltage
VIH
2.0
—
—
V
Input low level voltage
VIL
——
0.8
V
Differential input sensitivity
VDI
0.2
—
—
V
| DP – DM |
Differential common mode range
VCM
0.8
—
2.5
V
Output
characteristics
Output high level voltage
VOH
2.8
—
3.6
V
IOH = –200 µA
Output low level voltage
VOL
0.0
—
0.3
V
IOL = 2 mA
Cross-over voltage
VCRS
1.3
—
2.0
V
Figure 2.91
Rise time
tFR
4
—
20
ns
Fall time
tFF
4
—
20
ns
Rise/fall time ratio
tFR / tFF
90
—
111.11
%
tFR/ tFF
Output resistance
ZDRV
28
—
44
Ω
Rs = 27 Ω included
Pull-up and pull-
down
characteristics
DP pull-up resistance
(when the function controller function
is selected)
Rpu
0.900
—
1.575
kΩ
Idle state
1.425
—
3.090
At transmission and
reception
DP/DM pull-down resistance
(when the host controller function is
selected)
Rpd
14.25
—
24.80
kΩ
DP, DM
tFF
tFR
90%
10%
10%
90%
VCRS
Observation
point
50 pF
50 pF
dp
dm
27
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More