| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5671CDDFB Fiches technique(PDF) 147 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB Fiches technique(HTML) 147 Page - Renesas Technology Corp |
|
147 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 147 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics 2.4.7.15 RIIC Note: tIICcyc: RIIC internal reference clock (IICφ) cycle Note 1. The value within parentheses is applicable when the value of the ICMR3.NF[1:0] bits is 11b while the digital filter is enabled by the setting ICFER.NFE = 1. Note 2. Cb is the total capacitance of the bus lines. Table 2.46 RIIC Timing (1) Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr Item Symbol Min.*1 Max. Unit Test Conditions RIIC (Standard-mode, SMBus) ICFER.FMPE = 0 SCL input cycle time tSCL 6(12) × tIICcyc + 1300 — ns Figure 2.85 SCL input high pulse width tSCLH 3(6) × tIICcyc + 300 — ns SCL input low pulse width tSCLL 3(6) × tIICcyc + 300 — ns SCL, SDA input rise time tSr —1000 ns SCL, SDA input fall time tSf —300 ns SCL, SDA input spike pulse removal time tSP 0 1(4) × tIICcyc ns SDA input bus free time tBUF 3(6) × tIICcyc + 300 — ns START condition input hold time tSTAH tIICcyc + 300 — ns Repeated START condition input setup time tSTAS 1000 — ns STOP condition input setup time tSTOS 1000 — ns Data input setup time tSDAS tIICcyc + 50 — ns Data input hold time tSDAH 0— ns SCL, SDA capacitive load Cb*2 — 400 pF RIIC (Fast-mode) ICFER.FMPE = 0 SCL input cycle time tSCL 6(12) × tIICcyc + 600 — ns SCL input high pulse width tSCLH 3(6) × tIICcyc + 300 — ns SCL input low pulse width tSCLL 3(6) × tIICcyc + 300 — ns SCL, SDA input rise time tSr 20 × (External pull-up voltage/5.5V) 300 ns SCL, SDA input fall time tSf 20 × (External pull-up voltage/5.5V) 300 ns SCL, SDA input spike pulse removal time tSP 0 1(4) × tIICcyc ns SDA input bus free time tBUF 3(6) × tIICcyc + 300 — ns START condition input hold time tSTAH tIICcyc + 300 — ns Repeated START condition input setup time tSTAS 300 — ns STOP condition input setup time tSTOS 300 — ns Data input setup time tSDAS tIICcyc + 50 — ns Data input hold time tSDAH 0— ns SCL, SDA capacitive load Cb*2 — 400 pF |