| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5671CDDFB Fiches technique(PDF) 134 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB Fiches technique(HTML) 134 Page - Renesas Technology Corp |
|
134 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 134 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics 2.4.7.11 SSIE Figure 2.63 Clock Input Timing Figure 2.64 SSIE Clock Input/Output Timing Table 2.42 Expansion Serial Sound Interface Timing Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr, Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF, High-drive output is selected by the drive capacity control register. Item Symbol Min. Max. Unit Test Conditions AUDIO_CLK Cycle tEXcyc 20 — ns Figure 2.63 High/low level tEXL/tEXH 0.4 0.6 tEXcyc SSIBCK0 Cycle Master tO 80 — ns Figure 2.64 Slave tI 80 — ns Output clock high level Master tHC 0.35 — tO Output clock low level tLC 0.35 — tO Input clock high level Slave tHC 0.35 — tI Input clock low level tLC 0.35 — tI Output clock rise time Master tRC —0.15 tO Output clock fall time tFC —0.15 tO Input clock rise time Slave tRC —0.15 tI Input clock fall time tFC —0.15 tI SSILRCK0,SSITXD0, SSIRXD0 Input setup time Master tSR 12 — ns Figure 2.65, Figure 2.66 Slave 12 — Input hold time Master tHR 8— ns Slave 15 — Output delay time Master tDTR –10 5 ns Slave 0 20 Output delay time from when an SSILRCK0 signal is changed Slave tDTRW — 20 ns Figure 2.67 AUDIO_CLK (input) tEXH tEXf tEXL 1/2 VCC tEXcyc tEXr SSIBCK0 tHC tLC tRC tI, tO tFC |