| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5671CDDFB Fiches technique(PDF) 119 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB Fiches technique(HTML) 119 Page - Renesas Technology Corp |
|
119 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 119 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics 2.4.7.5 MTU Note 1. tPAcyc: PCLKA cycle Figure 2.39 MTU Input Capture Input Timing Figure 2.40 MTU Clock Input Timing Table 2.32 MTU Timing Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr, Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF, High-drive output is selected by the drive capacity control register. Item Symbol Min. Max. Unit*1 Test Conditions MTU Input capture input pulse width Single-edge setting tMTICW 1.5 — tPAcyc Figure 2.39 Both-edge setting 2.5 — Timer clock pulse width Single-edge setting tMTCKWH, tMTCKWL 1.5 — tPAcyc Figure 2.40 Both-edge setting 2.5 — Phase counting mode 2.5 — Input capture input PCLKA tMTICW MTCLKA to MTCLKD, MTIOC1A PCLKA tMTCKWL tMTCKWH |