Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT16646TPVCG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce 74FCT16646TPVCG4
Description  16-Bit Registered Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74FCT16646TPVCG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button 74FCT16646TPVCG4 Datasheet HTML 3Page - Texas Instruments 74FCT16646TPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT16646TPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT16646TPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT16646TPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT16646TPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT16646TPVCG4 Datasheet HTML 9Page - Texas Instruments 74FCT16646TPVCG4 Datasheet HTML 10Page - Texas Instruments 74FCT16646TPVCG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY74FCT16646T
CY74FCT162646T
7
Ordering Information CY74FCT16646
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
5.4
CY74FCT16646CTPVC/PVCT
O56
56-Lead (300-Mil) SSOP
Industrial
6.3
CY74FCT16646ATPVC/PVCT
O56
56-Lead (300-Mil) SSOP
Industrial
9.0
CY74FCT16646TPVC/PVCT
O56
56-Lead (300-Mil) SSOP
Industrial
Ordering Information CY74FCT162646
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
5.4
74FCT162646CTPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT162646CTPVC
O56
56-Lead (300-Mil) SSOP
74FCT162646CTPVCT
O56
56-Lead (300-Mil) SSOP
6.3
74FCT162646ATPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT162646ATPVC
O56
56-Lead (300-Mil) SSOP
74FCT162646ATPVCT
O56
56-Lead (300-Mil) SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15