| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F56517FDFM Fiches technique(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56517FDFM Fiches technique(HTML) 33 Page - Renesas Technology Corp |
|
33 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 33 of 188 Oct 31, 2023 Serial peripheral interface RSPCKA-A/RSPCKA-B/ RSPCKB-A/RSPCKB-B/ RSPCKC-A/RSPCKC-B I/O Clock input/output pins MOSIA-A/MOSIA-B/ MOSIB-A/MOSIB-B/ MOSIC-A/MOSIC-B I/O Input or output data output from the master MISOA-A/MISOA-B/ MISOB-A/MISOB-B/ MISOC-A/MISOC-B I/O Input or output data output from the slave SSLA0-A/SSLA0-B/ SSLB0-A/SSLB0-B/ SSLC0-A/SSLC0-B I/O Input or output pins for slave selection SSLA1-A/SSLA1-B/ SSLB1-A/SSLB1-B/ SSLC1-A/SSLC1-B, SSLA2-A/SSLA2-B/ SSLB2-A/SSLB2-B/ SSLC2-A/SSLC2-B, SSLA3-A/SSLA3-B/ SSLB3-A/SSLB3-B/ SSLC3-A/SSLC3-B Output Output pins for slave selection Quad serial peripheral interface QSPCLK-A/QSPCLK-B Output QSPI clock output pins QSSL-A/QSSL-B Output QSPI slave output pins QMO-A/QMO-B, QIO0-A/QIO0-B I/O Master transmit data/data 0 QMI-A/QMI-B, QIO1-A/QIO1-B I/O Master input data/data 1 QIO2-A/QIO2-B, QIO3-A/QIO3-B I/O Data 2, data 3 MMC host interface MMC_CLK-A/ MMC_CLK-B Output MMC clock pins MMC_CMD-A/ MMC_CMD-B I/O Command/response pins MMC_D7-A/MMC_D7-B to MMC_D0-A/MMC_D0-B I/O Transmit data/receive data MMC_CD-A/MMC_CD-B Input Card detection pins MMC_RES#-A/MMC_RES#-B Output MMC reset output pins SD host interface SDHI_CLK-A/SDHI_CLK-B/ SDHI_CLK-C Output SD clock output pins SDHI_CMD-A/SDHI_CMD-B/ SDHI_CMD-C I/O SD command output, response input signal pins SDHI_D3-A/SDHI_D3-B/ SDHI_D3-C to SDHI_D0-A/ SDHI_D0-B/SDHI_D0-C I/O SD data bus pins SDHI_CD Input SD card detection pin SDHI_WP Input SD write-protect signal SD slave interface SDSI_CLK-A/SDSI_CLK-B Input SD clock input pins SDSI_CMD-A/SDSI_CMD-B I/O SD command input, response output signal pins SDSI_D3-A/SDSI_D3-B, SDSI_D2-A/SDSI_D2-B, SDSI_D1-A/SDSI_D1-B, SDSI_D0-A/SDSI_D0-B I/O SD data bus pins Table 1.4 Pin Functions (6/8) Classifications Pin Name I/O Description |