| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5651CDDFB Fiches technique(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651CDDFB Fiches technique(HTML) 83 Page - Renesas Technology Corp |
|
83 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 83 of 188 Oct 31, 2023 60 VCC 61 PB0 A8 MTIC5W/ TIOCA3/PO24 ET0_ERXD1/ RMII0_RXD1/ RXD6/SMISO6/ SSCL6 LCD_DA TA0-B*1 IRQ12 62 VSS 63 PA7 A7 TIOCB2/PO23 ET0_WOL/ MISOA-B LCD_DA TA1-B*1 64 PA6 A6 MTIC5V/ MTCLKB/ TIOCA2/ TMCI3/PO22/ POE10# ET0_EXOUT/ CTS5#/RTS5#/ SS5#/MOSIA-B LCD_DA TA2-B*1 65 PA5 A5 MTIOC6B/ TIOCB1/PO21 ET0_LINKSTA/ RSPCKA-B LCD_DA TA3-B*1 66 PA4 A4 MTIC5U/ MTCLKA/ TIOCA1/ TMRI0/PO20 ET0_MDC/TXD5/ SMOSI5/SSDA5/ SSLA0-B LCD_DA TA4-B*1 IRQ5-DS 67 PA3 A3 MTIOC0D/ MTCLKD/ TIOCD0/ TCLKB/PO19 ET0_MDIO/ RXD5/SMISO5/ SSCL5 LCD_DA TA5-B*1 IRQ6-DS 68 PA2 A2 MTIOC7A/ PO18 RXD5/SMISO5/ SSCL5/SSLA3-B LCD_DA TA6-B*1 69 PA1 A1 MTIOC0B/ MTCLKC/ MTIOC7B/ TIOCB0/PO17 ET0_WOL/ SCK5/SSLA2-B LCD_DA TA7-B*1 IRQ11 70 PA0 BC0#/A0 MTIOC4A/ MTIOC6D/ TIOCA0/PO16/ CACREF ET0_TX_EN/ RMII0_TXD_EN/ SSLA1-B LCD_DA TA8-B*1 71 PE7 D15[A15/ D15]/D7[A7/ D7]*1 MTIOC6A/ TOC1 MISOB-B SDHI_WP/ MMC_RES#-B LCD_DA TA9-B*1 IRQ7 AN105 72 PE6 D14[A14/ D14]/D6[A6/ D6]*1 MTIOC6C/TIC1 MOSIB-B SDHI_CD/ MMC_CD-B LCD_DA TA10-B*1 IRQ6 AN104 73 PE5 D13[A13/ D13]/D5[A5/ D5]*1 MTIOC4C/ MTIOC2B ET0_RX_CLK/ REF50CK0/ RSPCKB-B LCD_DA TA11-B*1 IRQ5 AN103 74 PE4 D12[A12/ D12]/D4[A4/ D4]*1 MTIOC4D/ MTIOC1A/ PO28 ET0_ERXD2/ SSLB0-B LCD_DA TA12-B*1 AN102 75 PE3 D11[A11/ D11]/D3[A3/ D3]*1 MTIOC4B/ PO26/TOC3/ POE8# ET0_ERXD3/ CTS12#/ RTS12#/SS12# MMC_D7-B LCD_DA TA13-B*1 AN101 76 PE2 D10[A10/ D10]/D2[A2/ D2]*1 MTIOC4A/ PO23/TIC3 RXD12/ SMISO12/ SSCL12/ RXDX12/SSLB3- B MMC_D6-B LCD_DA TA14-B*1 IRQ7-DS AN100 77 PE1 D9[A9/D9]/ D1[A1/D1]*1 MTIOC4C/ MTIOC3B/ PO18 TXD12/ SMOSI12/ SSDA12/ TXDX12/ SIOX12/SSLB2- B MMC_D5-B LCD_DA TA15-B*1 ANEX1 78 PE0 D8[A8/D8]/ D0[A0/D0]*1 MTIOC3D SCK12/SSLB1-B MMC_D4-B LCD_DA TA16-B*1 ANEX0 Table 1.10 List of Pin and Pin Functions (100-Pin LFQFP) (4/5) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 100-Pin LFQFP (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF) |