| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F526TBAGFM Fiches technique(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TBAGFM Fiches technique(HTML) 20 Page - Renesas Technology Corp |
|
20 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 20 of 142 Oct 31, 2024 RX26T Group 1. Overview Multi-function timer pulse unit 3 MTIC5U, MTIC5V, MTIC5W Input The TGRU5, TGRV5, and TGRW5 input capture input/external pulse input pins MTIC5U#, MTIC5V#, MTIC5W# Input The TGRU5, TGRV5, and TGRW5 input capture inverted input/ external pulse inverted input pins. MTIOC6A, MTIOC6B, MTIOC6C, MTIOC6D I/O The TGRA6 to TGRD6 input capture input/output compare output/PWM output pins MTIOC6A#, MTIOC6B#, MTIOC6C#, MTIOC6D# I/O The TGRA6 to TGRD6 input capture inverted input/output compare inverted output/PWM inverted output pins. MTIOC7A, MTIOC7B, MTIOC7C, MTIOC7D I/O The TGRA7 to TGRD7 input capture input/output compare output/PWM output pins MTIOC7A#, MTIOC7B#, MTIOC7C#, MTIOC7D# I/O The TGRA7 to TGRD7 input capture inverted input/output compare inverted output/PWM inverted output pins. MTIOC9A, MTIOC9B, MTIOC9C, MTIOC9D I/O The TGRA9 to TGRD9 input capture input/output compare output/PWM output pins MTIOC9A#, MTIOC9B#, MTIOC9C#, MTIOC9D# I/O The TGRA9 to TGRD9 input capture inverted input/output compare inverted output/PWM inverted output pins. MTCLKA, MTCLKB, MTCLKC, MTCLKD Input Input pins for the external clock. MTCLKA#, MTCLKB#, MTCLKC#, MTCLKD# Input Inverted input pins for the external clock. ADSM0, ADSM1 Output A/D conversion start request frame synchronization signal output pins. General PWM timer GTETRGA, GTETRGB, GTETRGC, GTETRGD Input External trigger input pins GTIOC0A to GTIOC7A, GTIOC0B to GTIOC7B I/O Input capture input/output compare output/PWM output pins GTIOC0A# to GTIOC7A#, GTIOC0B# to GTIOC7B# I/O Input capture inverted input/output compare inverted output/ PWM inverted output pins GTCPPO0, GTCPPO4 Output Synchronized PWM output GTIU, GTIV, GTIW Input Hall sensor input pins GTOUUP Output A three-phase PWM output for controlling a brushless DC motor (positive U-phase) GTOULO Output A three-phase PWM output for controlling a brushless DC motor (negative U-phase) GTOVUP Output A three-phase PWM output for controlling a brushless DC motor (positive V-phase) GTOVLO Output A three-phase PWM output for controlling a brushless DC motor (negative V-phase) GTOWUP Output A three-phase PWM output for controlling a brushless DC motor (positive W-phase) GTOWLO Output A three-phase PWM output for controlling a brushless DC motor (negative W-phase) GTADSM0, GTADSM1 Output A/D conversion start request monitoring output pins 8-bit timer TMO0 to TMO7 Output Compare match output pins. TMCI0 to TMCI7 Input Input pins for the external clock to be input to the counter. TMRI0 to TMRI7 Input Counter reset input pins. Compare match timer W TIC0 to TIC3 Input Input pins for CMTW TOC0 to TOC3 Output Output pins for CMTW Port output enable 3 POE0#, POE4#, POE8#, POE9#, POE10#, POE11#, POE12# Input Input pins for request signals to switch the MTU and GPTW pins between the high impedance state Table 1.4 Pin Functions (2/5) Classifications Pin Name I/O Description |