| Moteur de recherche de fiches techniques de composants électroniques |
|
2STF1340 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STF1340 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. October 2006 Rev 1 1/8 8 Order codes Part Number Marking Package Packing 2STF1340 1340 SOT-89 Tape & reel 2STF1340 Low voltage fast-switching NPN power bipolar transistor General features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast switching speed ■ Miniature SOT-89 plastic package for surface mounting circuits ■ In compliance with the 2002/93/EC European Directive Description The device in a NPN transistor manufactured using new “PB-HCD” (Power Bipolar High Current Density) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. The complementary PNP is the 2STF2340. Applications ■ LED ■ Motherboard & hard disk drive ■ Mobile equipment ■ Battery charger ■ Voltage regulation Internal schematic diagram SOT-89 www.st.com |
Numéro de pièce similaire - 2STF1340 |
|
Description similaire - 2STF1340 |