| Moteur de recherche de fiches techniques de composants électroniques |
|
MJD2955 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MJD2955 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() MJD2955 MJD3055 COMPLEMENTARY SILICON POWER TRANSISTORS s STM PREFERRED SALESTYPES s SURFACE-MOUNTING TO-252 (DPAK) POWER PACKAGE IN TAPE & REEL (SUFFIX ”T4”) s ELECTRICAL SIMILAR TO MJE2955 AND MJE3055 APPLICATIONS s GENERAL PURPOSE SWITCHING AND AMPLIFIER TRANSISTORS DESCRIPTION The MJD2955 and MJD3055 form complementary PNP-NPN pairs. They are manufactured using Epitaxial Base technology for cost-effective performance. INTERNAL SCHEMATIC DIAGRAM June 1998 1 3 DPAK TO-252 (Suffix ”T4”) ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Uni t NPN MJD3055 PNP MJD2955 VCBO Collector-Base Voltage (IE =0) 60 V VCEO Collector-Emit ter Voltage (IB =0) 70 V VEBO Emitter-Base Voltage (IC =0) 5 V IC Collector Current 10 A IB Base Current 6 A Ptot Tot al Dissipation at Tc =25 oC20 W ® 1/6 |
Numéro de pièce similaire - MJD2955 |
|
Description similaire - MJD2955 |